Part Number Hot Search : 
27011 VIT4045C 1N6284C 128KX36 XC3042A MV7442 ER108L MBR340
Product Description
Full Text Search
 

To Download TMP92-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tmp92 series 90 watts medical grade power adapters tumbler technologies + trumpower 3350 scott blvd., building 13 ? santa clara, california 95054, usa ? 408-988-6616 ? sales@trumpower.com ? www.trumpower.com trumpowe r models list . o n t c u d o r p t u p t u o e g a t l o v m u m i x a m t n e r r u c m u m i x a m r e w o p ) t e l n i 6 c / 0 2 3 c e i ( i s s a l c 2 1 - 2 9 p m t v 2 1a 5 . 7w 0 9 8 1 - 2 9 p m t v 8 1a 5w 0 9 9 1 - 2 9 p m t v 9 1a 4 7 . 4w 0 9 4 2 - 2 9 p m t v 4 2a 5 7 . 3w 0 9 ) t e l n i 8 c / 0 2 3 c e i ( i i s s a l c r 2 - 2 1 - 2 9 p m t v 2 1a 5 . 7w 0 9 r 2 - 8 1 - 2 9 p m t v 8 1a 5w 0 9 r 2 - 9 1 - 2 9 p m t v 9 1a 4 7 . 4w 0 9 r 2 - 4 2 - 2 9 p m t v 4 2a 5 7 . 3w 0 9 input specifications input voltage range ............ 90~264 vac input frequency ................... 47~63hz input current ........................ 1.5a rms @ 90 vac inrush current ..................... 40 a @ 115 vac or 80 a @ 230 vac, at 25 c cold start earth leakage current ........ 160a max. @ 264 vac, 63hz ............................................. (for class i models only) touch current ...................... 40a max. @ 264 vac, 63hz ............................................. (for class i and class ii models) no load power .................... 0.21w typical output specifications output power ratings .......... see table tolerance ............................. 5% ripple and noise* ............... 300mv peak to peak max. at full load overvoltage protection ........ 36 vdc max., latch off overcurrent protection ........ 6a max., auto-recovery over-temp. protection ........ latch off short circuit protection ....... auto-recovery temperature coefficient ..... 0.04%/ c max. turn-on delay ..................... 3 sec. @ 100 vac, 60hz transient response ........... max. excursion of 4% or better on all models, recovering to 1% of final value within 500 s after a 25% step load change * measured with 20mhz bandwidth at rated line voltage and output load ranges, with a 10f tantalum capacitor in parallel with a 0.1f ceramic capacitor in parallel across the output. general specifications power factor ....................... 0.9 typical @ 115 vac efficiency ............................. 88% minimum at full load hold-up time ....................... 10 ms min. @ 115 vac, 60hz switching frequency ........... 75~100khz line regulation ................... 1% maximum at full load operating temperature ...... 0 c to +40 c derating ............................... derate from 100% at +40 c linearly to 50% at +60 c storage temperature .......... -40 c to +85 c relative humidity ................ 5% to 90% non-condensing withstand voltage ............... 4000 vac from input to output ............................................. 1500 vac from input to ground mtbf .................................... 100k hours minimum at full load, 25 c ambient, calculated per mil-hdbk-217f standards & compliances iec/en 60601-1-2 ............. emc & immunity performance en 55011, fcc, vcci ....... class b, conducted & radiated en 61000-3-2 .................... harmonic distortion, class a en 61000-3-3 .................... line flicker en 61000-4-2 .................... esd, 8 kv air and 6 kv contact en 61000-4-3 .................... radiated immunity, 3 v/m en 61000-4-4 .................... fast transient/burst, 2 kv en 61000-4-5 .................... surge, 1 kv diff., 2 kv com. en 61000-4-6 .................... conducted immunity, 3 vrms en 61000-4-8 .................... magnetic field immunity, 3 a/m en 61000-4-11 .................. volt age dip immunity, 30% reduction for 500ms, 60% reduction for 100ms, >95% reduction for 10ms safety standards ............... iec/en/ul 60601-1 3rd edition, ansi/aami es 60601-1 1st edition, csa-c22.2 no. 60601-1 2nd edition agency approvals .............. ul, tuv, ce, cb other compliances .......... rohs, cec & energy star level v features ? 0.87" slim case ? low cost ? class i (2mopp) & class ii (1mopp) models available ? low safety ground leakage current ? compliant with cec & energy star level v ? 100% burn-in tested
tumbler technologies + trumpower 3350 scott blvd., building 13 ? santa clara, california 95054, usa ? 408-988-6616 ? sales@trumpower.com ? www.trumpower.com tmp92 series 90 watts medical grade power adapters tmp92_2014-10-01 mechanical specifications unit: inch [mm] tolerance: 0.02 [0.5] maximum weight: notes: 1. the output connector shown is for reference only. please contact trumpower to order the connector that meets your requiremen ts. ac input iec 320/c6 inlet (class i) ac input iec 320/c8 inlet (class ii)


▲Up To Search▲   

 
Price & Availability of TMP92-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X